Part Number Hot Search : 
BB417 M6947 12003 UPD3798 14D152K 012T3 1N6409A A3130
Product Description
Full Text Search
 

To Download FIT-105-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742), web: www.alphawire.com customer specification part no. fit-105-1/4 construction 1) tubing type heat shrinkable tubing 2) tubing material irradiated pvc 3) minimum supplied id(in) 0.250 4) maximum recovered id (in) 0.125 5) nominal recovered wall thickness(in) 0.025 6) color(s) black applicable specifications 1) ul vw-1 standard 224 2) csa international standard 198 105c 3) other ams-dtl-23053/2 class1 exc longitudinal shrinkage environmental 1) eu directive 2002/95/ec(rohs): all materials used in the manufacture of this part are in compliance with eu directive 2002/95/eu regarding the restriction of use of certain hazardous substances in electrical and electronic equipment. consult alpha wire's web site for compliance date of manufacture. 2) reach regulation (ec 1907/2006): this product does not contain any of the 16 substances listed on the european union's reach substance of very high concern (svhc) candidate list in excess of 0.1% mass of the item. 3) california proposition 65: the outer surface materials used in the manufacture of this part meet the requirements of california proposition 65. properties
physical &mechanical properties 1) temperature range -20 to 105c 2) shrink ratio approximately 2:1 3) full recovery temperature 105 c 4) minimum shrink temperature 100c 5) tensile strength 3000psi, min astm d638 6) elongation 300%, min astm d638 7) cold impact(-55c) no cracking astm d746 8) heat shock(180c,4hrs) no cracking ams-dtl-23053 9) secant modulus 2.5x10 4 psi, min astm d882 10) longitudinal change +1%/-25% ams-dtl-23053 11) specific gravity 1.32, max astm d792 12) shelf life 1 years @ 18 to 35c electrical properties 1) dielectric strength 1083 v/mil, min astm d876 2) volume resistivity 1x10 12 ohm-cm, min astm d876 chemical properties 1) water absorption 1.00%, max astm d570 2) corrosion(0c,16hrs) no corrosion ams-dtl-23053 3) fungus resistance pass ams-dtl-23053 4) halogen free no 5) lead free yes other packaging www.alphawire.com alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742) although alpha wire (?alpha?) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. alpha provides the information and specifications herein on an ?as is? basis, with no representations or warranties, whether express, statutory or implied. in no event will alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742), web: www.alphawire.com rohs certificate of compliance to whom it may concern: alpha wire part number:fit-105-1/4 fit-105-1/4 , rohs-compliant commencing with7/1/2006production this document certifies that the alpha part numbers cited above are manufactured in accordance with directive 2002/95/ec of the european parliament and of the council of 27 january 2003, better known as the rohs directives, with regards to restrictions of the use of certain hazardous substances used in the manufacture of electrical and electronic equipment. the reader is referred to these directives for the specific definitions and extents of these directives. no exemptions are required for rohs compliance on this item. substance maximum control value lead 0.1% by weight (1000 ppm) mercury 0.1% by weight (1000 ppm) cadmium 0.01% by weight (100 ppm) hexavalent chromium 0.1% by weight (1000 ppm) polybrominated biphenyls (pbb) polybrominated diphenyl ethers (pbde) 0.1% by weight (1000 ppm) including deca-bde 0.1% by weight (1000 ppm) the information provided in this document and disclosure is correct to the best of alpha wire's knowledge, information and belief at the date of its release. the information provided is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it will become part of. the intent of this document is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. authorized signatory for the alpha wire company: dave watson, director of engineering &qa 12/27/2011


▲Up To Search▲   

 
Price & Availability of FIT-105-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X